|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NTE1329 Integrated Circuit Module - Hybrid, Audio Power Amp 20 Watt, 2 Power Supplies Required Features: D Minimum Output Power - 20W D Dual Channel - Single Power Supply D Thick Film Hybrid D Small Shock Noise Absolute Maximum Ratings: Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63V Operating Case Temperature, Tc . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +85C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +100C Allowavle Load Shorting Time (f = 50Hz), ts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2sec. Electrical Characteristics: (TA = +25C, VCC = 44V, RL = 8, Rg = 600, VG = 40dB) Parameter Quiescent Current Output Power Total Harmonic Distortion Frequency Response Input Resistance Output Noise Voltage Symbol ICCO PO(1) PO(2) THD f ri VNO Test Conditions VCC = 53V THD = 1.0%, f = 1kHz THD = 1.0%, f = 30 to 20kHz PO = 0.1W, f = 1kHz PO = 1W +0dB -3dB PO = 0.1W VCC = 53V, Rg = 10k - - Min 20 20 10 - Typ Max 60 - - - 110 - 120 - - 0.3 - 0.8 Unit mA W W % Hz k mVrms 20 to 100K Pin Connection Diagram 15 Rt Ch Input 14 Rt Ch Feedback 13 GND 12 GND 11 Rt Ch Output 10 Rt Ch Feedback 9 8 7 6 5 4 3 2 1 (+) VCC 2 GND (+) VCC 1 Lt Ch Feedback Lt Ch Output GND GND Lt Ch Feedback Lt Ch Input 3.071 (90.7) .315 (8.0) 2.756 (70.0) 1.733 (44.0) .866 (22.0) .135 (3.43) Dia (2 Holes) 1 15 .492 (12.5) .100 (2.54) 1.400 (35.56) 0.25 (.635) 0.20 (.508) |
Price & Availability of NTE1329 |